Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 53 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 53 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 49Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 50Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 51Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 52Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 53Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 54Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 55Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 56Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 57Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
53
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Power-On Hours (POHh and POHl)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value of both bytes when the
MIC3003 is shipped from the factory
0000 0000b = 00h
Serial address
A6h
Bytes addresses
MS byte (POHh): 251 = FBh
LS byte (POHl): 252 = FCh
The lower seven bits of POHh contain the most significant bits of the 15-bit power-on hours measurement. The value in POHh
should be combined with the eight-bit power-on hours low byte, POHl, to yield the complete result.
The most significant bit of POHh, POHFLT, is an error flag. If POHFLT is set, the power-on hour meter data has been
corrupted and should be ignored.
It is recommended that a two-byte sequential (block) SMBus read operation be performed on POHh and POHl to insure
coherency between the two registers.
This register is non-volatile and will be maintained through power and reset cycles, including unanticipated power failures.
POHh Bit(s)
Function
Operation
D[7]
Power-on hours fault flag, POHFLT
1 = fault: the power-on hours value is corrupted and cannot
be relied upon
0 = no fault: the power-on hours value is correct
D[6:0]
Power-on hours, most significant seven bits
Data Ready Flags (DATARDY)
D[7]
TRDY
read/write
D[6]
VRDY
read/write
D[5]
IRDY
read/write
D[4]
TXRDY
read/write
D[3]
RXDY
read/write
D[2]
reserved
D[1]
reserved
D[0]
reserved
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
253 = FDh
When the A/D conversion for a given parameter is completed and the results available to the host, the appropriate data ready
flag will be set. The flag will be cleared when the host reads the corresponding result register.
Bit(s)
Function
Operation
D[7]
TRDY
Temperature data ready flag
0 = Result register contains old data; 1 = new data ready
D[6]
VRDY
Voltage data ready flag
0 = Result register contains old data; 1 = new data ready
D[5]
IRDY
Bias current data ready flag
0 = Result register contains old data; 1 = new data ready
D[4]
TXRDY
Transmit power data ready flag
0 = Result register contains old data; 1 = new data ready
D[3]
RXRDY
Receive power data ready flag
0 = Result register contains old data; 1 = new data ready
D[2:0]
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com