Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 10Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 11Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 12Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 13Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 14Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 15Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 16Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 17Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
14
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Serial Data I/O Pin, Data
Symbol
Parameter
Condition
Min
Typ
Max
Units
IOL = 3mA
0.4
V
VOL
Low Output Voltage
IOL = 6mA
0.6
V
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
2.1
V
ILEAK
Input Current
±1
µA
CIN
Input Capacitance
Note 12
10
pF
Serial Clock Input, CLK
VIL
Low Input Voltage
2.7V ≤ VDD ≤ 3.6V
0.8
V
VIH
High Input Voltage
2.7V ≤ VDD ≤ 3.6V
2.1
V
ILEAK
Input Current
±1
µA
CIN
Input Capacitance
Note 12
10
pF
Serial Interface Timing
(4)
t1
CLK (clock) Period
2.5
µs
t2
Data In Setup Time to CLK High
100
ns
t3
Data Out Stable After CLK Low
300
ns
t4
Data Low Setup Time to CLK Low
Start Condition
100
ns
t5
Data High Hold Time After CLK High
Stop Condition
100
ns
tDATA
Data Ready Time
From power on to completion of one set
of ADC conversions; analog data
available via serial interface.
400
ms
QGPO Reset Pulse Timing
t1
QGPO reset pulse low duration
OEMCFG3 bit 7 = 1
A2h:255 (FFh) [2-0] switch to 111
112.5
125
137.5
µs
t2
QGPO reset de-assertion to the
clearing of A2:FFh bits 2:0
OEMCFG3 bit 7 = 1
A2h:255 (FFh) [2-0] ≠ 111
20.25
22.5
24.75
ms
Note:
12. Guaranteed by design and/or testing of related parameters. Not 100% tested in production.
Serial Interface Timing Diagram
Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com