Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 67 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 67 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 63Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 64Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 65Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 66Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 67Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 68Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 69Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 70Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 71Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
67
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Modulation DAC Setting (MODDAC)
Current VMOD Setting
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
21 = 15h
This register reflects (reads back) the value set in the being sent to the modulation DAC (MODSET0, MODSET1, or MODSET2
whichever is selected, with temperature compensation applied).
A valid OEM password is required for access to this register.
OEM Readback Register (OEMRD)
D[7]
Reserved
read-only
D[6]
KILL_LASER
read-only
D[5]
RXP_FLT
Read-only
D[4]
INT
read-only
D[3]
APCSAT
read-only
D[2]
IBFLT
read-only
D[1]
TXFLT
read-only
D[0]
RRSOUT
read-only
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
22 = 16h
This register reflects (reads back) the status of the bits corresponding to the parameters defined below.
A valid OEM password is required for access to this register.
Bit
Function
Operation
D[7]
Reserved
Always reads as a zero
D[6]
KILL_LASER
State of the internal laser disable
signal
0: The MIC3003 is disabling the laser
1: The laser is enabled to operate
D[5]
RXP_FLT
Registered Fault Comparator
detection of a receive power
fault
0: No Fault Comparator receive power fault
1: The Fault Comparator has detected a receive power fault
D[4]
INT
Mirrors state of /INT but active-
high
1 = The interrupt is asserted
0 = No pending interrupt.
D[3]
APCSAT
Registered APC saturation fault
1 = APC saturation fault detected
0 = Normal operation.
D[2]
IBFLT
Registered Fault Comparator
detection of an IBIAS fault
1 = IBIAS fault detected
0 = Normal operation
D[1]
TXFLT
Registered Fault Comparator
detection of a transmit power
fault
1 = Registered transmit power fault
0 = normal operation
D[0]
TRSOUT
State of the rate select output
pin, TRSOUT
1 = high; 0 = low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com