Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 55 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 55 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 51Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 52Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 53Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 54Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 55Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 56Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 57Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 58Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 59Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
55
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
RESETOUT
D[7]
reserved
read-only
D[6]
reserved
read-only
D[5]
reserved
read-only
D[4]
reserved
read-only
D[3]
reserved
read-only
D[2]
RESETOUT
read/write
D[1]
RESETOUT
read/write
D[0]
RESETOUT
read/write
Default Value
0000 0000b = 00h
Serial address
A2h
Byte address
255 = FFh
Bit(s)
Function
Operation
D[7-3]
Reserved
Read-only; these bits always return 00000.
D[2:0]
RESETOUT
Controls the reset output at pin 17
(QGPO) when Reset mode is
selected (OEMCFG3-7 set to 1)
By default, these three bits are 000, and the QGPO output
is undriven.
If RESET mode is selected in OEMCFG3:
When the three bits are written to 111, QGPO’s open-drain
output will be driven low for 125 μs (typical), after which
QGPO reenters the undriven state.
The RESETOUT field is cleared from 111 to 000 22.5 ms
(typical) after the deassertion edge of QGPO. Other values
of this delay may be selected in the TRSTCLR[2:0] field in
OEMCFG2.
If Reset mode in OEMCFG3 is not selected, these three
bits have no function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com