Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 60 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 60 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 56Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 57Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 58Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 59Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 60Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 61Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 62Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 63Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 64Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
60
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
IBIAS Fault Threshold (IBFLT)
Bias Current Fault Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
7 = 07h
When the Fault Comparator is running, the eight-bit signed integer compensation value corresponding to the current
temperature is taken from the IFTLUT look-up table, added to IBFLT, and used for comparison with the laser bias current value
for fault generation. Faults are generated if the bias current value exceeds the compensated (LUT offset) IBFLT register
contents.
If DAC Calibration mode is selected in OEMCAL0, the output of the IFTLUT lookup table is disabled, so the unmodified IBFLT
register value propagates directly to the Fault Comparator DAC.
A valid OEM password is required for access to these registers. These registers are non-volatile and will be maintained through
power and reset cycles.
Transmit Power Fault Threshold (TXFLT)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
8 = 08h
When the Fault Comparator is running the TXFLT register value is used for comparison with the transmit power value for fault
generation. Faults are generated if the transmit power exceeds the TXFLT register contents.
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained through power
and reset cycles.
Loss-Of-Signal Threshold (LOSFLT)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
9 = 09h
When the Fault Comparator is running, a fault is generated if the received power is lower than the LOSFLT value set in this
register.
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained through power
and reset cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com