Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  TAT07-R01 Datasheet HTML 1Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 2Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 3Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 4Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 5Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 6Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 7Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 8Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 4 of 17
2.6.1
Definition of optical characteristics
θ2
θ
θ1
Φ
X(
Φ=90°)
Y(
Φ=0°)
Y’(
Φ=180°)
Z(
Θ=0°)
Light (when reflected)
Light (when transmitted)
Detector
Bright (%)
Dark
Brightness
Brightness curve
of selected
segment
B2
B1
Operating voltage (V)
Definition of contrast Cr.
B2 = Brightness of selected segment
B1 = Brightness of not selected segment
Cr. =
X’(
Φ=270°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com