Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  TAT07-R01 Datasheet HTML 1Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 2Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 3Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 4Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 5Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 6Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 7Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 8Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 2 of 17
1.
PURPOSE
This specification covers the delivery requirements for the display module delivered by EM Microelectronic-
Marin SA.
2.
PRODUCT SPECIFICATIONS
2.1
MODULE REVISION AND ORDERING NUMBER
EM Part Number
Customer Part Number
Remarks
TAT07_R01
TBD
Initial revision
2.2
BASIC SPECIFICATION
ITEM
CHARACTERISTICS
Display technology
OLED monochrome, color yellow
Layout
Dot matrix
LCD Driver
SSD1305Z
Interface
Selectable with BS2 and BS1 signals
LCD Module structure
COG+FPC
Estimated useful life time at
ambient conditions
60 khours operating until half brightness
80 khours storage
2.3
MECHANICAL CHARACTERISTICS
ITEM
CHARACTERISTICS
Dots configuration
128 x 64
Dots dimensions (mm)
0.254 (L) x 0.254 (W)
Dots gap (mm)
0.020
Module size (L x W x T, mm)
40.3 (L) x 63.3 (W) x 2.01 (T)
Panel size
40.3 (L) x 27.3 (W) x2.01 (T)
Diagonal AA size
1.54"
Weight (g)
TBD
2.4
ABSOLUTE MAXIMUM RATINGS
Vss = 0 V, Ambient Temp.= 25 °C
Item
Symbol
Condition
Min
Max
Unit
Power supply voltage
Vdd
25 °C
-0.3
+3.5
V
Supply voltage
Vcc
25 °C
8
16
V
Operating temperature
Topr
---
0
+50
°C
Storage temperature
Tstg
---
-20
+70
°C
Operating & storage humidity
RHoprstg
---
0
85
%RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com