Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 10Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 11Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 12Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 13Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 14Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 15Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 16Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 17Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 13 of 17
7.3.8
FPC
7.3.8.1.
Adhesion
No
Item
Detail
Specification
1
Pull off strength between
FPC and Display terminals
Peel off speed = 20mm/minute
F ave >= 500 N/m
Where “F ave” is the average peel off
strength obtained in “soldered area”
Residue
≥ 50% of bond width
2
Display and FPC terminals
misalignment
---
Contact area reduction <= 25% of total
contact area
7.3.8.2. Characteristics
No
Item
Detail
Specification
1
Outline cable dimension and
pattern dimension and layout
---
According to assembly drawing
2
Bubble between base
material and coverlayer
---
Not acceptable if present on
terminals area and on external
edge of cable.
In other positions, acceptable if
diameter <= distance between 2
adiacent tracks
3
Detachment between track
and base material
---
Not allowed
4
Permanent bend and scratch
---
Not allowed
FPC
DISPLAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com