Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button TAT07-R01 Datasheet HTML 6Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 7Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 8Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 10Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 11Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 12Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 13Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 10 of 17
7.3.5
Individual Appearance Defects Standards (Back light ON and OFF / Display OFF)
Φ Average diameter (mm), W: Width (mm), L: Length (mm)
Standards, max no. of defects /
module
No
Item
Details
Section
Zone A
Zone B
<
Φ ≤
0.10
Any number*
0.10
<
Φ ≤
0.20
2
0.20
<
Φ ≤
1
1
Spots
Total number of defects
3
Any number
W
≤ 0.01
Any number*
W
≤ 0.03
L
≤ 2.0
2
W
≤ 0.05
L
≤ 1.0
1
Other than above
0
2
Streaks
Total number of detects
3
Any number
3
Chromaticity
and
Uniformity
Streaks and uneven
colour
limit sample
0.20 <
Φ ≤ 0.50
3
Any number
0.50 <
Φ ≤ 1.0
1
Any number
1.0 <
Φ
0
Any number
W
≤ 0.15
L
≤ 5.0
2
Any number
4
Bubbles in
polarizer
Bubbles between
polarizer and glass
W
≤ 0.15
L
≤ 10.0
1
Any number
<
Φ ≤
0.10
Any number*
0.10
<
Φ ≤
0.25
3
0.25
<
Φ ≤
0.30
1
Spots
0.30
<
Φ
0
Any number
5
Scratches /
dent
on the
polarizer
Lines
Same as N°2
6
Dirt on the
polarizer
See N.1, 2
7
Polarizer
dislocation
Products pass if
the dislocation is
out of viewing
area
* not counted in total number of acceptable defects. Total number of acceptable defects = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com