Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button TAT07-R01 Datasheet HTML 7Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 8Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 10Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 11Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 12Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 13Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 14Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 15Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 11 of 17
7.3.6
Individual appearance defects standards (display ON)
No
Item
Detail
Section (mm)
Standard. Max No of defects /
module
For W, ref.
drawing 2.8
Φ
≤ 0.10
Any number
0.10 <
Φ
≤ 0.20
2
0.20 <
Φ
1
Part missing
≤ 1/3 of pixel area
3 pixels
No
Item
Detail
Specification
Standards, max no. of
acceptable defects /
module
7
Current
consumption (Ic)
Condition:
- all pixels ON
- driving conditions typ.
- 25°C
According to table 2.5
0
1
2
No display
Display
missing
Must not occur.
Part or all of the
screen doesn’t
light because of
an open or a
short circuit
Part of display
segment missing
because of pin
holes or an open.
Φ
W
3
Display
missing
Part of display
segment missing
because of pin
holes or an open.
W
a
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com