Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button TAT07-R01 Datasheet HTML 3Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 4Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 5Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 6Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 7Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 8Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 10Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 7 of 17
2.7.1
Pin connection (signal function)
See mechanical drawing
3.
QUALIFICATION PROCEDURE
3.1
TESTS TO BE PERFORMED ON PROTOTYPES, PRESERIE
Test ref.
Test name
Test conditions
Test
condition
Critieria
Proto-
types
(pcs)
Preserie
(pcs)
MC
Mechanical
characterization
Complete critical mechanical
dimension report (once for all
with first article inspection
report and each time major
modification is done).
25°C
0 defects
10
30
EC
Electrical
characterization
Idd, Vcc (once for all with first
article inspection report and
each time major modification is
done).
25°C
0 defects
10
30
OC
Optical
characterization
Brightness, contrast (once for all
with first article inspection report
and each time major modification
is done)
25°C
0 defects
2
2
VT
Visual test in all
operating
temperature
ranges
Display to be controlled visually
for brightness over all operating
temperature ranges.
Operating
temperature
range
Driving
mode
Readable, over
operating
temperature,
0 defects
2
2
TST
Thermal shock
test
-20°C to 70°C, 5 cycles ,
2h/2h, transfer time 1min @
25°C
Non driving
mode
Functional,
brightness ≥ 50%
of initial value,
current
consumption < 2x
initial value,
0 defects
10
10
AHTO
Accelerated
humidity test
operating
40°C / 85% RH
240 hours
Driving
mode
Functional,
brightness ≥ 50%
of initial value,
current
consumption < 2x
initial value,
0 defects
10
10
RV
Vibration test
Frequency range: 5-500 Hz
5Hz: 0.10 (m/s
2) 2/Hz
12Hz: 2.20 (m/s
2) 2/Hz
20Hz: 2.20 (m/s
2) 2/Hz
200Hz: 0.04 (m/s
2) 2/Hz
500Hz: 0.04 (m/s
2) 2/Hz
Duration 2 hours in each
direction (X, Y, Z)
Operating mode: ON
25°C
(test will be
performed
by customer)
Functional,
0 defects
5
5
DH
Dry heat
70°C / 16h
Intermittent
driving
Hot start,
functional,
readable
5
5
C
Cold
-20°C / 16h
Intermittent
driving
Cold start (no
condensation),
functional,
readable
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com