Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button TAT07-R01 Datasheet HTML 4Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 5Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 6Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 7Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 8Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 10Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 11Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 8 of 17
3.2
PACKING RELIABILITY
The internal and external packaging has to be released and qualified by following tests:
Condition
Test
Acceptable results
Take one external box
filled with the required
inner boxes completed
with LCD products
Drop the external box from 0.8m
on concrete:
-
6 side
-
8 corners
1) No mechanical & appearance
damage on the finished product.
2) No product out of their original
position.
Take 5 empty trays
70°C 96 hours
-20°C 96 hours
No deformation of trays
Damp heat with load
20-40°C, 80-90% HR, 168h,
2 stacked full boxes
No damage to internal products
and no major deformation of the
trays
4.
MARKINGS
Each modules is individually labelled with following instructions :
- TAT07_Rx (x: current revision 0, 1, 2, etc - see §2.1)
- Lot number : Y.WW.SS (Year.Week.Serial number)
For label size and location refer to mechanical drawing (§2.7)
5.
SHIPMENT METHOD
5.1
INTERNAL PACKAGING
The products are packaged on ESD safe trays (see tray drawing in Appendix 1), to protect them from
touching each other.
Tray dimension is 33.5 x 33.5mm, each tray containing? pcs. Maximum stacking height for sub
packages shall be limited to 10 trays + 1 cover tray.
Following information is contained on the label of each subpackage:
1. Lot number
2. P.N. (TAT07_Rx) (see §2.1)
3. Customer P.N. (see §2.1)
4. Quantity of pcs
6.
RECEIVING INSPECTION
Receiving inspection at customer site has to be done within 1 month after receipt of the goods. Any products
that do not conform to product and delivery specification are dealt with in accordance with item « dealing with
customer complaints » in EM General Terms of Sales (see EM website)
7.
QUALITY ASSURANCE
Also refer to EM General Terms of Sales and EM Web Site
7.1
CONFORMITY
The performance, functions and reliability of the shipped products conform to the EM product
specifications.
7.2
RESPONSIBILITY
Customer is responsible for any defects in quality caused after receiving inspection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com