Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button TAT07-R01 Datasheet HTML 8Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 10Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 11Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 12Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 13Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 14Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 15Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 16Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 12 of 17
7.3.7
Chipped Glass Defect Standard
No
Item
Details
Section
Standards, max no.
of defects / module
1
Chipped
glass
at
lead terminals
More than 80% of
lead terminal must
remain
2
Chipped
glass
excluding
lead
terminals
viewing area
Acceptable if the
distance d between
chip and the limit of
the viewing area is
≥
0.25mm
3
Chipped glass on
end face
Width ’s’ of seal
remaining must be
≥0.5mm; ‘c’ must be
<10.0mm
4
Chipped glass
Other cases
Acceptable if :
- 100% of lead
terminal remain
- 100% of seal
remain
5
Glass rest
or
insulating layer
b
≤h/3
6
Irregular cut
b
≤h/3
No glass rest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com