Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT07-R01 Datasheet(PDF) 14 Page - EM Microelectronic - MARIN SA

Part # TAT07-R01
Description  OLED MODULE TAT07
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

TAT07-R01 Datasheet(HTML) 14 Page - EM Microelectronic - MARIN SA

Back Button TAT07-R01 Datasheet HTML 9Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 10Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 11Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 12Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 13Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 14Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 15Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 16Page - EM Microelectronic - MARIN SA TAT07-R01 Datasheet HTML 17Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
365324.CP37 / B
This document is the property of EM MICROELECTRONIC-MARIN SA and is furnished in confidence and upon the condition that all
rights originating in the information, whether patented or not, will be respected.
EM Document Center/04.08 - Page 14 of 17
8.
OPERATIONS PRECAUTIONS
8.1
SAFETY
•
If the display panel breaks, be careful not to get the residues in your mouth or in your eyes.
•
If the residues touch your skin or clothes, wash it off using soap and water.
8.2
HANDLING
•
The display is plate glass; do not hit or crush it.
•
The polarizer of the display is very fragile; handle it very carefully.
•
Do not soil or damage the display terminals.
•
Keep the display surface clean. Do not touch it with your skin.
•
Display module is ESD sensitive, to be handled with usual ESD precautions.
8.3
MOUNTING AND DESIGN
•
If any force is applied to the polarizer, bubbles or separation may occur.
•
Leave a gap so that the display, excluding the fixing portion, does not touch other components.
•
Make a window smaller than the viewing area.
•
To protect the display from external pressure, place a transparent plate (acrylic or glass) over the
display surface having a small gap.
•
Avoid condensation, otherwise the transparent electrodes may break.
8.4
STORAGE
•
For long-time storage, keep in a dark place at 25°C
± 10°C, 65% RH maximum.
•
Do not store the display near organic solvents or corrosive gases.
8.5
CLEANING
•
Do not wipe the polarizing plate with a dry cloth, as it may scratch the surface.
•
Wipe the module gently with a soft cloth soaked with a perfluorine-hexane or iso-propanol.
•
Do not use ketonic solvents (ketone and acetone) or aromatic solvents (toluene and xylene), as
they may damage the plastic cover plate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com