Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 316 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 316 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 312Page - ATMEL Corporation ATmega162 Datasheet HTML 313Page - ATMEL Corporation ATmega162 Datasheet HTML 314Page - ATMEL Corporation ATmega162 Datasheet HTML 315Page - ATMEL Corporation ATmega162 Datasheet HTML 316Page - ATMEL Corporation ATmega162 Datasheet HTML 317Page - ATMEL Corporation ATmega162 Datasheet HTML 318Page - ATMEL Corporation ATmega162 Datasheet HTML 319Page - ATMEL Corporation ATmega162 Datasheet HTML 320Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 324 page
background image
316
2513K–AVR–07/09
ATmega162/V
3.
Renamed and updated “On-chip Debug System” to “JTAG Interface and On-chip
Debug System” on page 46.
4.
Updated Table 18 on page 48 and Table 19 on page 50.
5.
Updated “Test Access Port – TAP” on page 197 regarding JTAGEN.
6.
Updated description for the JTD bit on page 207.
7.
Added note on JTAGEN in Table 99 on page 233.
8.
Updated Absolute Maximum Ratings* and DC Characteristics in “Electrical Character-
istics” on page 264.
9.
Added a proposal for solving problems regarding the JTAG instruction IDCODE in
“Errata” on page 314.
Changes from Rev.
2513C-09/02 to
Rev. 2513D-04/03
1.
Updated the “Ordering Information” on page 310 and “Packaging Information” on
page 311.
2.
Updated “Features” on page 1.
3.
Added characterization plots under “ATmega162 Typical Characteristics” on page
275.
4.
Added Chip Erase as a first step under “Programming the Flash” on page 260 and
“Programming the EEPROM” on page 262.
5.
Changed CAL7, the highest bit in the OSCCAL Register, to a reserved bit on page 39
and in “Register Summary” on page 304.
6.
Changed CPCE to CLKPCE on page 41.
7.
Corrected code examples on page 55.
8.
Corrected OCn waveforms in Figure 52 on page 120.
9.
Various minor Timer1 corrections.
10. Added note under “Filling the Temporary Buffer (Page Loading)” on page 224 about
writing to the EEPROM during an SPM Page Load.
11. Added section “EEPROM Write During Power-down Sleep Mode” on page 24.
12. Added information about PWM symmetry for Timer0 on page 98 and Timer2 on page
147.
13. Updated Table 18 on page 48, Table 20 on page 50, Table 36 on page 77, Table 83 on
page 205, Table 109 on page 247, Table 112 on page 267, and Table 113 on page 268.
14. Added Figures for “Absolute Maximum Frequency as a function of VCC, ATmega162”
on page 266.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com