Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162 Datasheet(PDF) 319 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 319 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 315Page - ATMEL Corporation ATmega162 Datasheet HTML 316Page - ATMEL Corporation ATmega162 Datasheet HTML 317Page - ATMEL Corporation ATmega162 Datasheet HTML 318Page - ATMEL Corporation ATmega162 Datasheet HTML 319Page - ATMEL Corporation ATmega162 Datasheet HTML 320Page - ATMEL Corporation ATmega162 Datasheet HTML 321Page - ATMEL Corporation ATmega162 Datasheet HTML 322Page - ATMEL Corporation ATmega162 Datasheet HTML 323Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 324 page
background image
i
2513K–AVR–07/09
ATmega162/V
Table of Contents
Features 1
Pin Configurations 2
Disclaimer 2
Overview 3
Block Diagram 3
ATmega161 and ATmega162 Compatibility 4
Pin Descriptions 5
Resources 7
Data Retention 7
About Code Examples 8
AVR CPU Core 9
Introduction 9
Architectural Overview 9
ALU – Arithmetic Logic Unit 10
Status Register 10
General Purpose Register File 12
Stack Pointer 13
Instruction Execution Timing 14
Reset and Interrupt Handling 14
AVR ATmega162 Memories 17
In-System Reprogrammable Flash Program Memory 17
SRAM Data Memory 18
EEPROM Data Memory 19
I/O Memory 25
External Memory Interface 26
XMEM Register Description 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com