Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 31Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 32Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 33Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 34Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 35Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 36Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 37Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 38Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 35 of 116
R32C/151 Group
4. Special Function Registers (SFRs)
Table 4.16
SFR List (16)
Address
Register
Symbol
Reset Value
000350h Timer B0 Register
TB0
XXXXh
000351h
000352h Timer B1 Register
TB1
XXXXh
000353h
000354h Timer B2 Register
TB2
XXXXh
000355h
000356h Timer A0 Mode Register
TA0MR
0000 0000b
000357h Timer A1 Mode Register
TA1MR
0000 0000b
000358h Timer A2 Mode Register
TA2MR
0000 0000b
000359h Timer A3 Mode Register
TA3MR
0000 0000b
00035Ah Timer A4 Mode Register
TA4MR
0000 0000b
00035Bh Timer B0 Mode Register
TB0MR
00XX 0000b
00035Ch Timer B1 Mode Register
TB1MR
00XX 0000b
00035Dh Timer B2 Mode Register
TB2MR
00XX 0000b
00035Eh Timer B2 Special Mode Register
TB2SC
XXXX XXX0b
00035Fh Count Source Prescaler Register
TCSPR
0000 0000b
000360h
000361h
000362h
000363h
000364h UART0 Special Mode Register 4
U0SMR4
00h
000365h UART0 Special Mode Register 3
U0SMR3
00h
000366h UART0 Special Mode Register 2
U0SMR2
00h
000367h UART0 Special Mode Register
U0SMR
00h
000368h UART0 Transmit/Receive Mode Register
U0MR
00h
000369h UART0 Bit Rate Register
U0BRG
XXh
00036Ah UART0 Transmit Buffer Register
U0TB
XXXXh
00036Bh
00036Ch UART0 Transmit/Receive Control Register 0
U0C0
0000 1000b
00036Dh UART0 Transmit/Receive Control Register 1
U0C1
0000 0010b
00036Eh UART0 Receive Buffer Register
U0RB
XXXXh
00036Fh
000370h
000371h
000372h
000373h
000374h
000375h
000376h
000377h
000378h
000379h
00037Ah
00037Bh
00037Ch CRC Data Register
CRCD
XXXXh
00037Dh
00037Eh CRC Input Register
CRCIN
XXh
00037Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com