Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 83Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 84Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 85Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 86Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 87Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 88Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 89Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 90Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 87 of 116
R32C/151 Group
5. Electrical Characteristics
Notes:
1.
Program/erase definition
This value represents the number of erasure per block.
If the flash memory is programmed/erased n times, each block can be erased n times.
i.e. If a word write is performed in different 16 addresses in a block and then the block is erased, it
is considered the programming/erasure is performed just once. However a write in the same
address more than once for one erasure is disabled. (overwrite disabled).
2.
The data retention time includes the periods when the supply voltage is not applied and no clock is
provided.
3.
This data retention includes 3000 hours in Ta = 125°C and 7000 hours in Ta = 85°C.
4.
Please contact a Renesas sales office regarding data retention time other than the above.
Figure 5.3
Power Supply Circuit Timing
Table 5.9
E2dataFlash Electrical Characteristics
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
—
Programming and erasure endurance of flash memory (1) 100000
times
—
Word program time
100
2000
µs
—
Block erasure time
32 byte block
15
200
ms
tPS
Flash memory circuit start-up stabilization time
35
50
µs
—
Data retention (2)
Ta = 55°C (3, 4)
20
years
Table 5.10
Power Supply Circuit Timing Characteristics
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min. Typ. Max.
td(P-R)
Internal power supply start-up stabilization
time after the main power supply is turned on
2ms
t d(P-R)
VCC
PLL oscillator-
output waveform
Internal power supply start-up
stabilization time after the main
power supply is turned on
Recommended
operating voltage
t d(P-R)
Supply voltage for
internal logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com