Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 12Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 13Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 14Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 15Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 16Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 17Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 18Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 19Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 16 of 116
R32C/151 Group
2. Central Processing Unit (CPU)
2.1
General Purpose Registers
2.1.1
Data Registers (R2R0, R3R1, R6R4, and R7R5)
These 32-bit registers are primarily used for transfers and arithmetic/logic operations.
Each of the registers can be divided into upper and lower 16-bit registers, e.g. R2R0 can be divided into
R2 and R0, R3R0 can be divided into R3 and R1, etc.
Moreover, data registers R2R0 and R3R1 can be divided into four 8-bit data registers: upper (R2H and
R3H), mid-upper (R2L and R3L), mid-lower (R0H and R1H), and lower (R0L and R1L).
2.1.2
Address Registers (A0, A1, A2, and A3)
These 32-bit registers have functions similar to data registers. They are also used for address register
indirect addressing and address register relative addressing.
2.1.3
Static Base Register (SB)
This 32-bit register is used for SB relative addressing.
2.1.4
Frame Base Register (FB)
This 32-bit register is used for FB relative addressing.
2.1.5
Program Counter (PC)
This 32-bit counter indicates the address of the instruction to be executed next.
2.1.6
Interrupt Vector Table Base Register (INTB)
This 32-bit register indicates the start address of a relocatable vector table.
2.1.7
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
Two types of 32-bit stack pointers (SPs) are provided: user stack pointer (USP) and interrupt stack
pointer (ISP).
Use the stack pointer select flag (U flag) to select either the user stack pointer (USP) or the interrupt
stack pointer (ISP). The U flag is bit 7 in the flag register (FLG). Refer to 2.1.8 “Flag Register (FLG)” for
details.
To minimize the overhead of interrupt sequence due to less memory access, set the user stack pointer
(USP) or the interrupt stack pointer (ISP) to a multiple of 4.
2.1.8
Flag Register (FLG)
This 32-bit register indicates the CPU status.
2.1.8.1
Carry Flag (C flag)
This flag becomes 1 when any of the carry, borrow, shifted-out bit, etc. is generated in the arithmetic
logic unit (ALU).
2.1.8.2
Debug Flag (D flag)
This flag is only for debugging. Only set this bit to 0.
2.1.8.3
Zero Flag (Z flag)
This flag becomes 1 when the result of an operation is 0; otherwise it is 0.
2.1.8.4
Sign Flag (S flag)
This flag becomes 1 when the result of an operation is a negative value; otherwise it is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com