Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 84Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 85Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 86Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 87Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 88Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 89Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 90Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 91Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 88 of 116
R32C/151 Group
5. Electrical Characteristics
Notes:
1.
This value is applicable only when the main clock oscillation is stable.
2.
This value is the time until the PLF1 bit in the PLS register becomes 1.
Table 5.11
Electrical Characteristics of Voltage Regulator for Internal Logic
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
VVDC1
Output voltage
1.5
V
Table 5.12
Electrical Characteristics of Low Voltage Detector
(VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
ΔVdet
Detected voltage error
±0.2
V
Vdet(R)-Vdet(F) Hysteresis width
0
V
—
Self-consuming current
VCC = 5.0 V, low voltage
detector enabled
4µA
td(E-A)
Operation start time of low voltage detector
150
µs
Table 5.13
Electrical Characteristics of Oscillator
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
fSO(PLL)
PLL clock self-oscillation frequency
35
50
65
MHz
tLOCK(PLL) PLL lock time (1, 2)
f(XRef) =4MHz
1ms
tjitter(p-p)
PLL jitter period (p-p)
2.0
ns
f(OCO)
On-chip oscillator frequency
94
125
156
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com