Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 36Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 37Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 38Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 39Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 40Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 41Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 42Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 43Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 40 of 116
R32C/151 Group
4. Special Function Registers (SFRs)
Table 4.21
SFR List (21)
Address
Register
Symbol
Reset Value
040030h to
04003Fh
040040h
040041h
040042h
040043h
040044h Processor Mode Register 0
PM0
1000 0000b
040045h
040046h System Clock Control Register 0
CM0
0000 1000b
040047h System Clock Control Register 1
CM1
0010 0000b
040048h Processor Mode Register 3
PM3
00h
040049h
04004Ah Protect Register
PRCR
XXXX X000b
04004Bh
04004Ch Protect Register 3
PRCR3
0000 0000b
04004Dh Oscillator Stop Detection Register
CM2
00h
04004Eh
04004Fh
040050h
040051h
040052h
040053h Processor Mode Register 2
PM2
00h
040054h
040055h
040056h
040057h
040058h
040059h
04005Ah Low Speed Mode Clock Control Register
CM3
XXXX XX00b
04005Bh
04005Ch
04005Dh
04005Eh
04005Fh
040060h Voltage Regulator Control Register
VRCR
0000 0000b
040061h
040062h Low Voltage Detector Control Register
LVDC
0000 XX00b
040063h
040064h Detection Voltage Configuration Register
DVCR
0000 XXXXb
040065h
040066h
040067h
040068h to
040093h
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com