Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 85Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 86Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 87Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 88Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 89Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 90Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 91Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 92Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 89 of 116
R32C/151 Group
5. Electrical Characteristics
Note:
1.
This recovery time does not include the period until the main clock oscillator is stabilized. The CPU
starts operating before the oscillator is stabilized.
Figure 5.4
Clock Circuit Timing
Table 5.14
Electrical Characteristics of Clock Circuitry
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
trec(WAIT) Recovery time from wait mode to low power mode
225
µs
trec(STOP) Recovery time from stop mode (1)
225
µs
t rec(STOP)
Interrupt for exiting
stop mode
CPU clock
Main clock oscillator
output
On-chip oscillator
output
Sub clock oscillator
output
On-chip oscillator
output
t rec(WAIT)
Interrupt for exiting
wait mode
CPU clock
Recovery time from stop mode
t rec(STOP)
Recovery time from wait mode
to low power mode
t rec(WAIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com