Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 86Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 87Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 88Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 89Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 90Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 91Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 92Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 93Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 90 of 116
R32C/151 Group
5. Electrical Characteristics
Timing Requirements (VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Figure 5.5
Flash Memory CPU Rewrite Mode Timing
Table 5.15
Flash Memory CPU Rewrite Mode Timing
Symbol
Characteristics
Value
Unit
Min.
Max.
tcR
Read cycle time
200
ns
tsu(S-R)
Chip-select setup time for read
200
ns
th(R-S)
Chip-select hold time after read
0ns
tsu(A-R)
Address setup time for read
200
ns
th(R-A)
Address hold time after read
0ns
tw(R)
Read pulse width
100
ns
tcW
Write cycle time
200
ns
tsu(S-W)
Chip-select setup time for write
0ns
th(W-S)
Chip-select hold time after write
30
ns
tsu(A-W)
Address setup time for write
0ns
th(W-A)
Address hold time after write
30
ns
tw(W)
Write pulse width
50
ns
CS0
A23 to A0, BC0 to BC3
RD
t h(R-S)
Read cycle
t w(R)
t su(S-R)
t h(R-A)
t su(A-R)
Write cycle
CS0 to CS3
A23 to A0, BC0 to BC3
WR
t h(W-S)
t w(W)
t su(S-W)
t h(W-A)
t su(A-W)
t cW
t cR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com