Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 41Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 42Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 43Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 44Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 45Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 46Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 47Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 48Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 45 of 116
R32C/151 Group
4. Special Function Registers (SFRs)
Table 4.26
SFR List (26)
Address
Register
Symbol
Reset Value
044060h
044061h
044062h
044063h
044064h
044065h
044066h
044067h
044068h
044069h
04406Ah
04406Bh
04406Ch
04406Dh External Interrupt Source Select Register 1
IFSR1
XXXX X000b
04406Eh
04406Fh External Interrupt Source Select Register 0
IFSR0
0000 0000b
044070h DMA0 Request Source Select Register 2
DM0SL2
XX00 0000b
044071h DMA1 Request Source Select Register 2
DM1SL2
XX00 0000b
044072h DMA2 Request Source Select Register 2
DM2SL2
XX00 0000b
044073h DMA3 Request Source Select Register 2
DM3SL2
XX00 0000b
044074h
044075h
044076h
044077h
044078h DMA0 Request Source Select Register
DM0SL
XXX0 0000b
044079h DMA1 Request Source Select Register
DM1SL
XXX0 0000b
04407Ah DMA2 Request Source Select Register
DM2SL
XXX0 0000b
04407Bh DMA3 Request Source Select Register
DM3SL
XXX0 0000b
04407Ch
04407Dh Wake-up IPL Setting Register 2
RIPL2
XX0X 0000b
04407Eh
04407Fh Wake-up IPL Setting Register 1
RIPL1
XX0X 0000b
044080h External Interrupt Input Filter Select Register 0
INTF0
0000 0000b
044081h
044082h External Interrupt Input Filter Select Register 1
INTF1
0000 0000b
044083h
044084h External Interrupt Input Filter Select Register 2
INTF2
0000 0000b
044085h
044086h
044087h
044088h External Interrupt Input Pin Select Register
INTSR
0000 0000b
044089h
04408Ah
04408Bh
04408Ch
04408Dh
04408Eh
04408Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com