Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 75Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 76Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 77Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 78Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 79Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 80Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 81Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 82Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 79 of 116
R32C/151 Group
5. Electrical Characteristics
5.
Electrical Characteristics
Note:
1.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 5.1
Absolute Maximum Ratings (1)
Symbol
Characteristic
Condition
Value
Unit
VCC
Supply voltage
VCC = AVCC
-0.3 to 6.0
V
AVCC
Analog supply voltage
VCC = AVCC
-0.3 to 6.0
V
VI
Input voltage XIN,
RESET, CNVSS, NSD, VREF,
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7, P11_0 to P11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_1, P14_3 to P14_6,
P15_0 to P15_7
-0.3 to VCC + 0.3
V
VO
Output
voltage
XOUT, P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0toP11_4, P12_0toP12_7,
P13_0 to P13_7, P14_3 to P14_6,
P15_0 to P15_7
-0.3 to VCC + 0.3
V
Pd
Power consumption
Ta = 25°C
500
mW
—
Operating temperature range
-40 to 125
°C
Tstg
Storage temperature range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com