Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25FS010 Datasheet HTML 4Page - ATMEL Corporation AT25FS010 Datasheet HTML 5Page - ATMEL Corporation AT25FS010 Datasheet HTML 6Page - ATMEL Corporation AT25FS010 Datasheet HTML 7Page - ATMEL Corporation AT25FS010 Datasheet HTML 8Page - ATMEL Corporation AT25FS010 Datasheet HTML 9Page - ATMEL Corporation AT25FS010 Datasheet HTML 10Page - ATMEL Corporation AT25FS010 Datasheet HTML 11Page - ATMEL Corporation AT25FS010 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
5167E–SFLSH–5/09
AT25FS010
4. Functional Description
The AT25FS010 is designed to interface directly with the synchronous serial peripheral interface
(SPI) of the 6800 type series of microcontrollers.
The AT25FS010 utilizes an 8-bit instruction register. The list of instructions and their operation
codes are contained in Table 4-1. All instructions, addresses, and data are transferred with the
MSB first and start with a high-to-low transition.
Write is defined as program and/or erase in this specification. The following commands, PRO-
GRAM, SECTOR ERASE, BLOCK ERASE, CHIP ERASE, and WRSR are write instructions for
AT25FS010.
Note:
1. Either one of the OP CODES will execute the instruction.
WRITE ENABLE (WREN): The device will power up in the write disable state when VCC is
applied. All write instructions must therefore be preceded by the WREN instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the WRDI instruc-
tion disables all write commands. The WRDI instruction is independent of the status of the WP
pin.
READ STATUS REGISTER (RDSR): The RDSR instruction provides access to the status regis-
ter. The READY/BUSY and write enable status of the device can be determined by the RDSR
instruction. Similarly, the Block Write Protection bits indicate the extent of protection employed.
Table 4-1.
Instruction Set for the AT25FS010
Instruction Name
One Byte OpCode
Operation
Binary
Hex
WREN
0000 X110
06
Set Write Enable Latch
WRDI
0000 X100
04
Reset Write Enable Latch
RDSR
0000 X101
05
Read Status Register
WRSR
0000 X001
01
Write Status Register
READ
0000 0011
03
Read Data from Memory Array
FAST READ
0000 1011
0B
Read Data from Memory Array (with
dummy cycles)
PROGRAM
0000 X010
02
Program Data Into Memory Array
SECTOR ERASE
(1)
0010 0000
20
Erase One 4kbyte Sector in Memory Array
1101 0111
D7
BLOCK ERASE(1)
0101 0010
52
Erase One 32kbyte Block in Memory Array
1101 1000
D8
CHIP ERASE(1)
0110 0000
60
Erase All Memory Array
1100 0111
C7
RDID(1)
1001 1111
9F
Read Manufacturer and Product ID
1010 1011
AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com