Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25FS010 Datasheet HTML 1Page - ATMEL Corporation AT25FS010 Datasheet HTML 2Page - ATMEL Corporation AT25FS010 Datasheet HTML 3Page - ATMEL Corporation AT25FS010 Datasheet HTML 4Page - ATMEL Corporation AT25FS010 Datasheet HTML 5Page - ATMEL Corporation AT25FS010 Datasheet HTML 6Page - ATMEL Corporation AT25FS010 Datasheet HTML 7Page - ATMEL Corporation AT25FS010 Datasheet HTML 8Page - ATMEL Corporation AT25FS010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
5167E–SFLSH–5/09
AT25FS010
Notes: 1. The programming time for n bytes will be equal to n x tBPC.
2. This parameter is ensured by characterization at 3.0v, 25c only.
3. One write cycle consists of erasing a sector, followed by programming the same sector.
Table 1-3.
AC Characteristics (Preliminary – Subject to Change)
Applicable over recommended operating range from TA = –40°C to +85°C, VCC = +2.7V to +3.6V
CL = 1 TTL Gate and 30 pF (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
fSCK
SCK Clock Frequency
0
50
MHz
tRI
Input Rise Time
5
ns
tFI
Input Fall Time
5
ns
tWH
SCK High Time
9
ns
tWL
SCK Low Time
9
ns
tCS
CS High Time
100
ns
tCSS
CS Setup Time
5
ns
tCSH
CS Hold Time
5
ns
tSU
Data In Setup Time
5
ns
tH
Data In Hold Time
5
ns
tHD
Hold Setup Time
5
ns
tCD
Hold Hold Time
5
ns
tV
Output Valid
9ns
tHO
Output Hold Time
0
ns
tLZ
Hold to Output Low Z
9
ns
tHZ
Hold to Output High Z
9
ns
tDIS
Output Disable Time
9
ns
tse
Sector Erase Time
50
200
ms
tbe
Block Erase Time
200
500
ms
tce
Chip Erase Time
1.6
4
s
tSR
Status Register Write Cycle Time
60
ms
tBPC
Byte Program Cycle Time(1)
30
50
µs
Endurance(2)
10K
Write Cycles(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com