Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT25FS010 Datasheet HTML 9Page - ATMEL Corporation AT25FS010 Datasheet HTML 10Page - ATMEL Corporation AT25FS010 Datasheet HTML 11Page - ATMEL Corporation AT25FS010 Datasheet HTML 12Page - ATMEL Corporation AT25FS010 Datasheet HTML 13Page - ATMEL Corporation AT25FS010 Datasheet HTML 14Page - ATMEL Corporation AT25FS010 Datasheet HTML 15Page - ATMEL Corporation AT25FS010 Datasheet HTML 16Page - ATMEL Corporation AT25FS010 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
5167E–SFLSH–5/09
AT25FS010
BLOCK ERASE (BLOCK ERASE): The BLOCK ERASE instruction sets all 32K bytes in the
selected block to logic 1 or erased state. In order to block erase the AT25FS010, two sep-
arate instructions must be executed. First, the device must be write enabled via the
WREN instruction. Then the BLOCK ERASE instruction can be executed and will erase
every byte in the selected block if the block is not locked out. The block address is auto-
matically determined if any address within the block is selected (see Figure 5-11). The
BLOCK ERASE instruction is internally controlled and self timed to completion. During
this time, all commands will be ignored except RDSR instruction. The progress or com-
pletion of the erase operation can be determined by reading ready/busy bit (bit 0) through
RDSR instruction. If Bit 0=1, block erase cycle is in progress. If Bit0=0, the erase opera-
tion has been completed. The AT25FS010 will automatically return to the write disable
state at the completion of the BLOCK ERASE cycle.
CHIP ERASE (CHIP ERASE): As an alternative to the SECTOR ERASE/BLOCK ERASE, the
CHIP ERASE instruction will erase every byte in all sectors that are not locked out. First, the
device must be write enabled via the WREN instruction. Then the CHIP ERASE instruction can
be executed. The CHIP ERASE instruction is internally controlled; it will automatically be timed
to completion. The CHIP ERASE cycle time typically is 8 seconds. During the internal erase
Table 4-8.
Sector and Block Address
Block 4
1/4
1/8
1/16
1/32
Sector 8
01FFFFH
01F000H
Sector 7
01EFFFH
01E000H
Sector 6
01DFFFH
01D000H
Sector 5
01CFFFH
01C000H
Sector 4
01BFFFH
01B000H
Sector 3
01AFFFH
01A000H
Sector 2
019FFFH
019000H
Sector 1
018FFFH
018000H
Block 3
017FFFH
010000H
Block 2
00FFFFH
008000H
Block 1
007FFFH
000000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com