Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT25FS010 Datasheet HTML 16Page - ATMEL Corporation AT25FS010 Datasheet HTML 17Page - ATMEL Corporation AT25FS010 Datasheet HTML 18Page - ATMEL Corporation AT25FS010 Datasheet HTML 19Page - ATMEL Corporation AT25FS010 Datasheet HTML 20Page - ATMEL Corporation AT25FS010 Datasheet HTML 21Page - ATMEL Corporation AT25FS010 Datasheet HTML 22Page - ATMEL Corporation AT25FS010 Datasheet HTML 23Page - ATMEL Corporation AT25FS010 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
5167E–SFLSH–5/09
AT25FS010
7. Package Information
8S1 – JEDEC SOIC
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
Note:
3/17/05
8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
8S1
C
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
–
0.25
These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
A
1.35
–
1.75
b
0.31
–
0.51
C
0.17
–
0.25
D
4.80
–
5.05
E1
3.81
–
3.99
E
5.79
–
6.20
e
1.27 BSC
L
0.40
–
1.27
θ
0˚
–
8˚
Ø
Ø
E
E
1
1
N
N
TOP VIEW
TOP VIEW
C
C
E1
E1
END VIEW
A
A
b
b
L
L
A1
A1
e
e
D
D
SIDE VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com