Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25FS010 Datasheet HTML 5Page - ATMEL Corporation AT25FS010 Datasheet HTML 6Page - ATMEL Corporation AT25FS010 Datasheet HTML 7Page - ATMEL Corporation AT25FS010 Datasheet HTML 8Page - ATMEL Corporation AT25FS010 Datasheet HTML 9Page - ATMEL Corporation AT25FS010 Datasheet HTML 10Page - ATMEL Corporation AT25FS010 Datasheet HTML 11Page - ATMEL Corporation AT25FS010 Datasheet HTML 12Page - ATMEL Corporation AT25FS010 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
5167E–SFLSH–5/09
AT25FS010
These bits are set by using the WRSR instruction. During internal write cycles, all other com-
mands will be ignored except the RDSR instruction.
Note:
X = Don’t Care
READ PRODUCT ID (RDID): The RDID instruction allows the user to read the manufacturer ID
byte followed by two device ID bytes. The manufacturer ID is assigned by JEDEC and is 1Fh for
Atmel (see Table 4-4). The first device ID byte indicates the memory type (66h=AT25FS010) fol-
lowed by the device memory capacity byte (01h). For maximum compatibility and flexibility, two
RDID opcodes (9Fh and ABh) are supported and will perform the same operation.
The device is first selected by driving Chip Select (CS) low then the RDID opcode is shifted in on
Serial In (SI) during rising edge of clock. The 24-bit Manufacturer and Device Identification
Codes stored in memory are clocked out on Serial Output (SO) starting on the falling edge of
clock (see Figure 5-13). If CS stays low after the last bit of second device ID byte is shifted out,
the manufacturer ID and 2 byte device ID will continue to be clocked out until CS goes high. The
RDID sequence is terminated any time CS is driven high and the device will go into standby
mode.
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of
eight levels of protection for the AT25FS010. The AT25FS010 is divided into eight blocks where
the top 1/32, 1/16, 1/8, top quarter (1/4), top half (1/2), or all of the memory blocks can be pro-
tected (locked out) from write. Any of the locked-out blocks will therefore be READ only. The
Table 4-2.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
BP4
BP3
X
BP1
BP0
WEN
RDY
Table 4-3.
Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = 0 (RDY) indicates the device is READY. Bit 0 = 1 indicates the
write cycle is in progress.
Bit 1 (WEN)
Bit 1 = 0 indicates the device is not WRITE ENABLED. Bit 1 = 1 indicates
the device is WRITE ENABLED.
Bit 2 (BP0)
See
Table 4-5.
Bit 3 (BP1)
See
Table 4-5.
Bit 4
Not Used
Bit 5 (BP3)
See
Table 4-5.
Bit 6 (BP4)
See
Table 4-5.
Bit 7 (WPEN)
See
Table 4-6.
Bits 0-7 are 1s during an internal write cycle.
Table 4-4.
Read Product ID (RDID)
Manufacturer ID
Device ID
Memory Type
Memory Capacity
1Fh
66h
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com