Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT25FS010 Datasheet HTML 15Page - ATMEL Corporation AT25FS010 Datasheet HTML 16Page - ATMEL Corporation AT25FS010 Datasheet HTML 17Page - ATMEL Corporation AT25FS010 Datasheet HTML 18Page - ATMEL Corporation AT25FS010 Datasheet HTML 19Page - ATMEL Corporation AT25FS010 Datasheet HTML 20Page - ATMEL Corporation AT25FS010 Datasheet HTML 21Page - ATMEL Corporation AT25FS010 Datasheet HTML 22Page - ATMEL Corporation AT25FS010 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
5167E–SFLSH–5/09
AT25FS010
Notes: 1. “-B” designates bulk ordering code.
2. “-T” designates tape and reel ordering code. SOIC=4K per reel and SAP=3K per reel.
Ordering Information
Ordering Code
Package
Operation Range
AT25FS010N-SH27-B(1)
8S1
Lead-Free/Halogen-Free/
NiPdAu Lead Finish
Industrial Temperature
(–40
°C to 85°C)
AT25FS010N-SH27-T(2)
8S1
AT25FS010Y7-YH27-T(2)
8Y7
Package Type
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small outline (JEDEC SOIC)
8Y7
8-lead, 6.00 mm x 4.90 mm Body, Ultra Thin, Dual Footprint, Non-leaded, Small Array Package (SAP)
Options
–2.7
Low Voltage (2.7V to 3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com