Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT25FS010 Datasheet HTML 6Page - ATMEL Corporation AT25FS010 Datasheet HTML 7Page - ATMEL Corporation AT25FS010 Datasheet HTML 8Page - ATMEL Corporation AT25FS010 Datasheet HTML 9Page - ATMEL Corporation AT25FS010 Datasheet HTML 10Page - ATMEL Corporation AT25FS010 Datasheet HTML 11Page - ATMEL Corporation AT25FS010 Datasheet HTML 12Page - ATMEL Corporation AT25FS010 Datasheet HTML 13Page - ATMEL Corporation AT25FS010 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
5167E–SFLSH–5/09
AT25FS010
locked-out sector/block and the corresponding status register control bits are shown in Table 4-5
on page 10.
The six bits, BP0, BP1, BP3, BP4 and WPEN, are nonvolatile cells that have the same proper-
ties and functions as the regular memory cells.
Note:
1. x = don’t care
The WRSR instruction also allows the user to enable or disable the Write Protect (WP) pin
through the use of the Write Protect Enable (WPEN) bit. Hardware write protection is enabled
when the WP pin is low and the WPEN bit is “1”. Hardware write protection is disabled when
either the WP pin is high or the WPEN bit is “0.” When the device is hardware write protected,
writes to the Status Register, including the Block Protect bits and the WPEN bit, and the locked-
out sectors in the memory array are disabled. Write is only allowed to sectors of the memory
which are not locked out. The WRSR instruction is self-timed to automatically erase and pro-
gram BP0, BP1, BP3, BP4 and WPEN bits. In order to write the status register, two separate
instructions must be executed. First, the device must be write enabled via the WREN instruction.
Then, CS must be low and the WRSR instruction and data for the six bits are entered. The
WRSR write cycle will begin once CS goes high. During the internal write cycle, all instructions
will be ignored except RDSR instructions. The AT25FS010 will automatically return to write dis-
able state at the completion of the WRSR cycle. The status register is factory programmed to all
0’s.
Note:
When the WPEN bit is hardware write protected, it cannot be changed back to “0”, as long as the
WP pin is held low.
Table 4-5.
Sector/Block Write Protect Bits
Level
Status Register Bits
AT25FS010
BP4
BP3
BP1
BP0
Array Address
locked Out
Locked-out
Blocks
0(none)
0
000None
None
1(1/32)
0
10001F000H
− 01FFFFH
Sector 8 of Block 4
2(1/16)
1
00001E000H
− 01FFFFH
Sector 7
− 8 of Block 4
3(1/8)
1
10001C000H
− 01FFFFH
Sector 5
− 8 of Block 4
4(1/4)
x
x
0
1
018000H
− 01FFFFH
ALL Sectors of Block 4
5(1/2)
x
x
1
0
010000H
− 01FFFFH
ALL Sectors of Block 3,4
6(ALL)
x
x
1
1
000000H
− 01FFFFH
ALL Sectors of ALL Blocks (1-4)
Table 4-6.
WPEN Operation
WPEN
WP
WEN
ProtectedBlocks
UnprotectedBlocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com