Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25FS010 Datasheet HTML 1Page - ATMEL Corporation AT25FS010 Datasheet HTML 2Page - ATMEL Corporation AT25FS010 Datasheet HTML 3Page - ATMEL Corporation AT25FS010 Datasheet HTML 4Page - ATMEL Corporation AT25FS010 Datasheet HTML 5Page - ATMEL Corporation AT25FS010 Datasheet HTML 6Page - ATMEL Corporation AT25FS010 Datasheet HTML 7Page - ATMEL Corporation AT25FS010 Datasheet HTML 8Page - ATMEL Corporation AT25FS010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
5167E–SFLSH–5/09
AT25FS010
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. VIL and VIH max are reference only and are not tested.
Table 1-1.
Pin Capacitance(1)
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +3.6V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
COUT
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)6
pF
VIN = 0V
Table 1-2.
DC Characteristics (Preliminary – Subject to Change)
Applicable over recommended operating range from: TAI = –40°C to +85°C, VCC = +2.7V to +3.6V,
TAC = 0°C to +70°C, VCC = +2.7V to +3.6V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.7
3.6
V
ICC1
Supply Current
VCC = 3.6V at 20 MHz, SO = Open Read
10.0
17.0
mA
ICC2
Supply Current
VCC = 3.6V at 20 MHz, SO = Open Write
15.0
45.0
mA
ISB
Standby Current
VCC = 2.7V, CS = VCC
2.0
10.0
µA
IIL
Input Leakage
VIN = 0V to VCC
-3.0
3.0
µA
IOL
Output Leakage
VIN = 0V to VCC, TAC = 0°C to 70°C
-3.0
3.0
µA
VIL
(1)
Input Low Voltage
-0.6
VCC x 0.3
V
VIH
(1)
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output Low Voltage
2.7V
≤ V
CC ≤ 3.6V
IOL = 0.15 mA
0.2
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com