Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25FS010 Datasheet HTML 1Page - ATMEL Corporation AT25FS010 Datasheet HTML 2Page - ATMEL Corporation AT25FS010 Datasheet HTML 3Page - ATMEL Corporation AT25FS010 Datasheet HTML 4Page - ATMEL Corporation AT25FS010 Datasheet HTML 5Page - ATMEL Corporation AT25FS010 Datasheet HTML 6Page - ATMEL Corporation AT25FS010 Datasheet HTML 7Page - ATMEL Corporation AT25FS010 Datasheet HTML 8Page - ATMEL Corporation AT25FS010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
5167E–SFLSH–5/09
AT25FS010
2. Serial Interface Description
MASTER: The device that generates the serial clock.
SLAVE: Because the Serial Clock pin (SCK) is always an input, the AT25FS010 always oper-
ates as a slave.
TRANSMITTER/RECEIVER: The AT25FS010 has separate pins designated for data transmis-
sion (SO) and reception (SI).
MSB: The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL OP-CODE: After the device is selected with CS going low, the first byte will be
received. This byte contains the op-code that defines the operations to be performed.
INVALID OP-CODE: If an invalid op-code is received, no data will be shifted into the
AT25FS010, and the serial output pin (SO) will remain in a high impedance state until the falling
edge of CS is detected again. This will reinitialize the serial communication.
CHIP SELECT: The AT25FS010 is selected when the CS pin is low. When the device is not
selected, data will not be accepted via the SI pin, and the serial output pin (SO) will remain in a
high impedance state.
HOLD: The HOLD pin is used in conjunction with the CS pin to select the AT25FS010. When
the device is selected and a serial sequence is underway, HOLD can be used to pause the serial
communication with the master device without resetting the serial sequence. To pause, the
HOLD pin must be brought low while the SCK pin is low. To resume serial communication, the
HOLD pin is brought high while the SCK pin is low (SCK may still toggle during HOLD). Inputs to
the SI pin will be ignored while the SO pin is in the high impedance state.
WRITE PROTECT: The AT25FS010 has a write lockout feature that can be activated by assert-
ing the write protect pin (WP). When the lockout feature is activated, locked-out sectors will be
READ only. The write protect pin will allow normal read/write operations when held high. When
the WP is brought low and WPEN bit is “1”, all write operations to the status register are inhib-
ited. WP going low while CS is still low will interrupt a write to the status register. If the internal
status register write cycle has already been initiated, WP going low will have no effect on any
write operation to the status register. The WP pin function is blocked when the WPEN bit in the
status register is “0”. This will allow the user to install the AT25FS010 in a system with the WP
pin tied to ground and still be able to write to the status register. All WP pin functions are enabled
when the WPEN bit is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com