Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 132 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 128Page - ATMEL Corporation ATtiny167 Datasheet HTML 129Page - ATMEL Corporation ATtiny167 Datasheet HTML 130Page - ATMEL Corporation ATtiny167 Datasheet HTML 131Page - ATMEL Corporation ATtiny167 Datasheet HTML 132Page - ATMEL Corporation ATtiny167 Datasheet HTML 133Page - ATMEL Corporation ATtiny167 Datasheet HTML 134Page - ATMEL Corporation ATtiny167 Datasheet HTML 135Page - ATMEL Corporation ATtiny167 Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 282 page
background image
132
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 12-14. Timer/Counter Timing Diagram, with Prescaler (f
clk_I/O/8)
12.11 16-bit Timer/Counter Register Description
12.11.1
Timer/Counter1 Control Register A – TCCR1A
• Bit 7:6 – COM1A1:0: Compare Output Mode for Channel A
• Bit 5:4 – COM1B1:0: Compare Output Mode for Channel B
The COM1A1:0 and COM1B1:0 control the Output Compare pins (OC1Ai and OC1Bi respec-
tively) behavior. If one or both of the COM1A1:0 bits are written to one, the OC1Ai output
overrides the normal port functionality of the I/O pin it is connected to. If one or both of the
COM1B1:0 bit are written to one, the OC1Bi output overrides the normal port functionality of
the I/O pin it is connected to. However, note that the Data Direction Register (DDR) bit and
OC1xi bit (TCCR1D) corresponding to the OC1Ai or OC1Bi pin must be set in order to enable
the output driver.
When the OC1Ai or OC1Bi is connected to the pin, the function of the COM1A/B1:0 bits is
dependent of the WGM13:0 bits setting. Table 12-1 shows the COM1A/B1:0 bit functionality
when the WGM13:0 bits are set to a Normal or a CTC mode (non-PWM).
TOVn(FPWM)
and ICF n(if used
as TOP)
OCRnx
(Update at TOP)
TCNTn
(CTC and FPWM)
TCNTn
(PC and PFC PWM)
TOP - 1
TOP
TOP - 1
TOP - 2
Old OCRnx Value
New OCRnx Value
TOP - 1
TOP
BOTTOM
BOTTOM + 1
clk
I/O
clk
Tn
(clk
I/O/8)
Bit
7
654
32
1
0
COM1A1
COM1A0
COM1B1
COM1B0
–
–
WGM11
WGM10
TCCR1A
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 12-1.
Compare Output Mode, non-PWM
OC1Ai
OC1Bi
COM1A1
COM1B1
COM1A0
COM1B0
Description
0x
x
Normal port operation, OC1A/OC1B disconnected.
1
00
0
1
Toggle OC1A/OC1B on Compare Match.
10
Clear OC1A/OC1B on Compare Match (Set output to low
level).
1
1
Set OC1A/OC1B on Compare Match (Set output to high level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com