Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 136 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 136 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 132Page - ATMEL Corporation ATtiny167 Datasheet HTML 133Page - ATMEL Corporation ATtiny167 Datasheet HTML 134Page - ATMEL Corporation ATtiny167 Datasheet HTML 135Page - ATMEL Corporation ATtiny167 Datasheet HTML 136Page - ATMEL Corporation ATtiny167 Datasheet HTML 137Page - ATMEL Corporation ATtiny167 Datasheet HTML 138Page - ATMEL Corporation ATtiny167 Datasheet HTML 139Page - ATMEL Corporation ATtiny167 Datasheet HTML 140Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 282 page
background image
136
7728D–AVR–07/09
ATtiny87/ATtiny167
If external pin modes are used for the Timer/Counter1, transitions on the T1 pin will clock the
counter even if the pin is configured as an output. This feature allows software control of the
counting.
12.11.3
Timer/Counter1 Control Register C – TCCR1C
• Bit 7 – FOC1A: Force Output Compare for Channel A
• Bit 6 – FOC1B: Force Output Compare for Channel B
The FOC1A/FOC1B bits are only active when the WGM13:0 bits specifies a non-PWM mode.
However, for ensuring compatibility with future devices, these bits must be set to zero when
TCCR1A is written when operating in a PWM mode. When writing a logical one to the
FOC1A/FOC1B bit, an immediate compare match is forced on the Waveform Generation unit.
The OC1nx output is changed according to its COM1A/B1:0 and OC1nx bits setting. Note that
the FOC1A/FOC1B bits are implemented as strobes. Therefore it is the value present in the
COM1A/B1:0 bits that determine the effect of the forced compare.
A FOC1A/FOC1B strobe will not generate any interrupt nor will it clear the timer in Clear Timer
on Compare match (CTC) mode using OCR1A as TOP.
The FOC1A/FOC1B bits are always read as zero.
12.11.4
Timer/Counter1 Control Register D – TCCR1D
• Bit 7:4 – OC1Bi: Output Compare Pin Enable for Channel B
The OC1Bi bits enable the Output Compare pins of Channel B as shown in Figure 12-6 on
page 122.
• Bit 3:0 – OC1Ai: Output Compare Pin Enable for Channel A
The OC1Ai bits enable the Output Compare pins of Channel A as shown in Figure 12-6 on
page 122.
Bit
7
6
5
4
3
2
1
0
FOC1A
FOC1B
–
–
–
–
–
–
TCCR1C
Read/Write
R/W
R/W
R/W
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
OC1BX
OC1BW
OC1BV
OC1BU
OC1AX
OC1AW
OC1AV
OC1AU
TCCR1D
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com