Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 133 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 129Page - ATMEL Corporation ATtiny167 Datasheet HTML 130Page - ATMEL Corporation ATtiny167 Datasheet HTML 131Page - ATMEL Corporation ATtiny167 Datasheet HTML 132Page - ATMEL Corporation ATtiny167 Datasheet HTML 133Page - ATMEL Corporation ATtiny167 Datasheet HTML 134Page - ATMEL Corporation ATtiny167 Datasheet HTML 135Page - ATMEL Corporation ATtiny167 Datasheet HTML 136Page - ATMEL Corporation ATtiny167 Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 282 page
background image
133
7728D–AVR–07/09
ATtiny87/ATtiny167
Table 12-2 shows the COM1A/B1:0 bit functionality when the WGM13:0 bits are set to the fast
PWM mode.
Note:
1. A special case occurs when OCR1A/OCR1B equals TOP and COM1A1/COM1B1 is set. In
this case the compare match is ignored, but the set or clear is done at TOP. See “Fast PWM
Mode” on page 124. for more details.
Table 12-3 shows the COM1A/B1:0 bit functionality when the WGM13:0 bits are set to the
phase correct or the phase and frequency correct, PWM mode.
Note:
1. A special case occurs when OC1A/OC1B equals TOP and COM1A1/COM1B1 is set. See
“Phase Correct PWM Mode” on page 126. for more details.
• Bit 3:2 – Reserved Bits
These bits are reserved for future use.
Table 12-2.
Compare Output Mode, Fast PWM
(1)
OC1Ai
OC1Bi
COM1A1
COM1B1
COM1A0
COM1B0
Description
0x
x
Normal port operation, OC1A/OC1B disconnected.
10
0
10
1
WGM13=0: Normal port operation, OC1A/OC1B
disconnected.
WGM13=1: Toggle OC1A on Compare Match, OC1B
reserved.
11
0
Clear OC1A/OC1B on Compare Match
Set OC1A/OC1B at TOP
11
1
Set OC1A/OC1B on Compare Match
Clear OC1A/OC1B at TOP
Table 12-3.
Compare Output Mode, Phase Correct and Phase and Frequency Correct
PWM(1)
OC1Ai
OC1Bi
COM1A1
COM1B1
COM1A0
COM1B0
Description
0x
x
Normal port operation, OC1A/OC1B disconnected.
10
0
10
1
WGM13=0: Normal port operation, OC1A/OC1B
disconnected.
WGM13=1: Toggle OC1A on Compare Match, OC1B
reserved.
11
0
Clear OC1A/OC1B on Compare Match when up-counting.
Set OC1A/OC1B on Compare Match when downcounting.
11
1
Set OC1A/OC1B on Compare Match when up-counting.
Clear OC1A/OC1B on Compare Match when downcounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com