Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 206 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 206 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 202Page - ATMEL Corporation ATtiny167 Datasheet HTML 203Page - ATMEL Corporation ATtiny167 Datasheet HTML 204Page - ATMEL Corporation ATtiny167 Datasheet HTML 205Page - ATMEL Corporation ATtiny167 Datasheet HTML 206Page - ATMEL Corporation ATtiny167 Datasheet HTML 207Page - ATMEL Corporation ATtiny167 Datasheet HTML 208Page - ATMEL Corporation ATtiny167 Datasheet HTML 209Page - ATMEL Corporation ATtiny167 Datasheet HTML 210Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 282 page
background image
206
7728D–AVR–07/09
ATtiny87/ATtiny167
Table 17-5.
Input Channel Selections
MUX[4..0]
Single Ended Input
Positive
Differential Input
Negative
Differential Input
Gain
0 0000
ADC0 (PA0)
NA
NA
NA
0 0001
ADC1 (PA1)
0 0010
ADC2 (PA2)
0 0011
ADC3 / ISRC (PA3)
0 0100
ADC4 (PA4)
0 0101
ADC5 (PA5)
0 0110
ADC6 (PA6)
0 0111
ADC7 / AREF (PA7)
0 1000
ADC8 (PB5)
0 1001
ADC9 (PB6)
0 1010
ADC10 (PB7)
0 1011
Temperature Sensor
0 1100
Bandgap Reference (1.1
V)
0 1101
AVcc/4
0 1110
GND (0V)
0 1111
(reserved)
1 0000
N/A
ADC0 (PA0)
ADC1 (PA1)
8x
1 0001
20x
1 0010
ADC1 (PA1)
ADC2 (PA2)
8x
1 0011
20x
1 0100
ADC2 (PA2)
ADC3 (PA3)
8x
1 0101
20x
1 0110
ADC4 (PA4)
ADC5 (PA5)
8x
1 0111
20x
1 1000
ADC5 (PA5)
ADC6 (PA6)
8x
1 1001
20x
1 1010
ADC6 (PA6)
ADC7 (PA7)
8x
1 1011
20x
1 1100
ADC8 (PB5)
ADC9 (PB6)
8x
1 1101
20x
1 1110
ADC9 (PB6)
ADC10 (PB7)
8x
1 1111
20x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com