Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 209 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 209 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 205Page - ATMEL Corporation ATtiny167 Datasheet HTML 206Page - ATMEL Corporation ATtiny167 Datasheet HTML 207Page - ATMEL Corporation ATtiny167 Datasheet HTML 208Page - ATMEL Corporation ATtiny167 Datasheet HTML 209Page - ATMEL Corporation ATtiny167 Datasheet HTML 210Page - ATMEL Corporation ATtiny167 Datasheet HTML 211Page - ATMEL Corporation ATtiny167 Datasheet HTML 212Page - ATMEL Corporation ATtiny167 Datasheet HTML 213Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 282 page
background image
209
7728D–AVR–07/09
ATtiny87/ATtiny167
17.11.4
ADCSRB – ADC Control and Status Register B
• Bit 7– BIN: Bipolar Input Mode
The gain stage is working in the unipolar mode as default, but the bipolar mode can be
selected by writing the BIN bit in the ADCSRB register. In the unipolar mode only one-sided
conversions are supported and the voltage on the positive input must always be larger than
the voltage on the negative input. Otherwise the result is saturated to the voltage reference. In
the bipolar mode two-sided conversions are supported and the result is represented in the
two’s complement form. In the unipolar mode the resolution is 10 bits and the bipolar mode the
resolution is 9 bits + 1 sign bit.
• Bit 3 – Res: Reserved Bit
This bit is reserved for future use. For compatibility with future devices it must be written to
zero when ADCSRB register is written.
• Bits 2:0 – ADTS2:0: ADC Auto Trigger Source
If ADATE in ADCSRA register is written to one, the value of these bits selects which source
will trigger an ADC conversion. If ADATE is cleared, the ADTS2:0 settings will have no effect.
A conversion will be triggered by the rising edge of the selected Interrupt Flag. Note that
switching from a trigger source that is cleared to a trigger source that is set, will generate a
positive edge on the trigger signal. If ADEN in ADCSRA register is set, this will start a conver-
sion. Switching to Free Running mode (ADTS[2:0]=0) will not cause a trigger event, even if the
ADC Interrupt Flag is set.
17.11.5
DIDR0 – Digital Input Disable Register 0
Bit
7
65
43210
BIN
ACME
ACIR1
ACIR0
–
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
0
00
00000
Table 17-7.
ADC Auto Trigger Source Selections
ADTS2
ADTS1
ADTS0
Trigger Source
0
0
0
Free Running mode
0
0
1
Analog Comparator
0
1
0
External Interrupt Request 0
0
1
1
Timer/Counter1 Compare Match A
1
0
0
Timer/Counter1 Overflow
1
0
1
Timer/Counter1 Compare Match B
1
1
0
Timer/Counter1 Capture Event
1
1
1
Watchdog Interrupt Request
Bit
7
6
543210
ADC7D /
AIN1D
ADC6D /
AIN0D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
DIDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com