Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 210 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 210 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 206Page - ATMEL Corporation ATtiny167 Datasheet HTML 207Page - ATMEL Corporation ATtiny167 Datasheet HTML 208Page - ATMEL Corporation ATtiny167 Datasheet HTML 209Page - ATMEL Corporation ATtiny167 Datasheet HTML 210Page - ATMEL Corporation ATtiny167 Datasheet HTML 211Page - ATMEL Corporation ATtiny167 Datasheet HTML 212Page - ATMEL Corporation ATtiny167 Datasheet HTML 213Page - ATMEL Corporation ATtiny167 Datasheet HTML 214Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 282 page
background image
210
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bits 7:0 – ADC7D:ADC0D: ADC7:0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is dis-
abled. The corresponding PIN register bit will always read as zero when this bit is set. When
an analog signal is applied to the ADC7:0 pin and the digital input from this pin is not needed,
this bit should be written logic one to reduce power consumption in the digital input buffer.
17.11.6
DIDR1 – Digital Input Disable Register 1
• Bit 7 – Res: Reserved Bit
This bit is reserved for future use. For compatibility with future devices it must be written to
zero when DIDR1 register is written.
• Bits 6..4 – ADC10D..ADC8D: ADC10..8 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is dis-
abled. The corresponding PIN register bit will always read as zero when this bit is set. When
an analog signal is applied to the ADC10:8 pin and the digital input from this pin is not needed,
this bit should be written logic one to reduce power consumption in the digital input buffer.
• Bits 3:0 - Reserved Bits
These bits are reserved for future use. For compatibility with future devices, they must be writ-
ten to zero when DIDR1 is written.
17.11.7
AMISCR – Analog Miscellaneous Control Register
• Bits 7:3 – Reserved Bits
These bits are reserved for future use. For compatibility with future devices, they must be writ-
ten to zero when AMISCR is written.
• Bit 2 – AREFEN: External Voltage Reference Input Enable
When this bit is written logic one, the voltage reference for the ADC is input from AREF pin as
described in Table 17.10 on page 204. If active channels are used, using AVcc or an external
AREF higher than (AVcc - 1V) is not recommended, as this will affect ADC accuracy. The
internal voltage reference options may not be used if an external voltage is being applied to
the AREF pin. It is recommended to use DIDR register bit function (digital input disable) when
AREFEN is set.
• Bit 1 – XREFEN: Internal Voltage Reference Output Enable
When this bit is written logic one, the internal voltage reference 1.1V or 2.56V is output on
XREF pin as described in Table 17.10 on page 204. It is recommended to use DIDR register
bit function (digital input disable) when XREFEN is set.
Bit
765
4321
0
-
ADC10D
ADC9D
ADC8D
-
-
-
-
DIDR1
Read/Write
R
R/W
R/W
R/W
RRRR
Initial Value
000
0000
0
Bit
7
6
5432
10
--
---
AREFEN
XREFEN
ISRCEN
AMISCR
Read/Write
RRRR
R
R/W
R/W
R/W
Initial Value
0
0
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com