Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 237 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 237 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 233Page - ATMEL Corporation ATtiny167 Datasheet HTML 234Page - ATMEL Corporation ATtiny167 Datasheet HTML 235Page - ATMEL Corporation ATtiny167 Datasheet HTML 236Page - ATMEL Corporation ATtiny167 Datasheet HTML 237Page - ATMEL Corporation ATtiny167 Datasheet HTML 238Page - ATMEL Corporation ATtiny167 Datasheet HTML 239Page - ATMEL Corporation ATtiny167 Datasheet HTML 240Page - ATMEL Corporation ATtiny167 Datasheet HTML 241Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 282 page
background image
237
7728D–AVR–07/09
ATtiny87/ATtiny167
21.7.12
Reading the Fuse and Lock Bits
The algorithm for reading the Fuse and Lock bits is as follows (refer to “Programming the
Flash” on page 232 for details on Command loading):
1.
A: Load Command “0000 0100
b”.
2.
Set OE to “0”, BS2 to “0” and BS1 to “0”. The status of the Fuse Low bits can now be
read at DATA (“0” means programmed).
3.
Set OE to “0”, BS2 to “1” and BS1 to “1”. The status of the Fuse High bits can now be
read at DATA (“0” means programmed).
4.
Set OE to “0”, BS2 to “1”, and BS1 to “0”. The status of the Extended Fuse bits can
now be read at DATA (“0” means programmed).
5.
Set OE to “0”, BS2 to “0” and BS1 to “1”. The status of the Lock bits can now be read
at DATA (“0” means programmed).
6.
Set OE to “1”.
Figure 21-6. Mapping Between BS1, BS2 and the Fuse and Lock Bits During Read
21.7.13
Reading the Signature Bytes
The algorithm for reading the Signature bytes is as follows (refer to “Programming the Flash”
on page 232 for details on Command and Address loading):
1.
A: Load Command “0000 1000
b”.
2.
B: Load Address Low Byte (0x00 - 0x02).
3.
Set OE to “0”, and BS to “0”. The selected Signature byte can now be read at DATA.
4.
Set OE to “1”.
21.7.14
Reading the 8 MHz RC Oscillator Calibration Byte
The algorithm for reading the 8 MHz RC Oscillator Calibration byte is as follows (refer to “Pro-
gramming the Flash” on page 232 for details on Command and Address loading):
1.
A: Load Command “0000 1000
b”.
2.
B: Load Address Low Byte, 0x00.
3.
Set OE to “0”, and BS1 to “1”. The 8 MHz RC Oscillator Calibration byte can now be
read at DATA.
4.
Set OE to “1”.
BS2
DATA
0
1
BS2
Extended Fuse Byte
Fuse Low Byte
0
1
Fuse High Byte
Lock Bits
BS1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com