Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 241 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 241 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 237Page - ATMEL Corporation ATtiny167 Datasheet HTML 238Page - ATMEL Corporation ATtiny167 Datasheet HTML 239Page - ATMEL Corporation ATtiny167 Datasheet HTML 240Page - ATMEL Corporation ATtiny167 Datasheet HTML 241Page - ATMEL Corporation ATtiny167 Datasheet HTML 242Page - ATMEL Corporation ATtiny167 Datasheet HTML 243Page - ATMEL Corporation ATtiny167 Datasheet HTML 244Page - ATMEL Corporation ATtiny167 Datasheet HTML 245Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 282 page
background image
241
7728D–AVR–07/09
ATtiny87/ATtiny167
Notes:
1. Not all instructions are applicable for all parts.
2. a = address
3. Bits are programmed ‘0’, unprogrammed ‘1’.
4. To ensure future compatibility, unused Fuses and Lock bits should be unprogrammed (‘1’).
5. Refer to the corresponding section for Fuse and Lock bits, Calibration and Signature bytes
and Page size.
6. Instructions accessing program memory use a word address. This address may be random
within the page range.
7. See http://www.atmel.com/avr for Application Notes regarding programming and
programmers.
If the LSB in RDY/BSY data byte out is ‘1’, a programming operation is still pending. Wait until
this bit returns ‘0’ before the next instruction is carried out.
Within the same page, the low data byte must be loaded prior to the high data byte.
After data is loaded to the page buffer, program the EEPROM page, see Figure 21-8 on page
242.
Write EEPROM Memory
0xC0
0x00
00aa aaaa b
data byte in
Write EEPROM Memory Page (page access)
0xC2
0x00
00aa aa00
b
0x00
Write Lock bits
0xAC
0xE0
0x00
data byte in
Write Fuse bits
0xAC
0xA0
0x00
data byte in
Write Fuse High bits
0xAC
0xA8
0x00
data byte in
Write Extended Fuse Bits
0xAC
0xA4
0x00
data byte in
Table 21-15. Serial Programming Instruction Set (Continued)
Instruction/Operation
Instruction Format
Byte 1
Byte 2
Byte 3
Byte4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com