Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 238 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 238 Page - ATMEL Corporation

Back Button ATtiny167 Datasheet HTML 234Page - ATMEL Corporation ATtiny167 Datasheet HTML 235Page - ATMEL Corporation ATtiny167 Datasheet HTML 236Page - ATMEL Corporation ATtiny167 Datasheet HTML 237Page - ATMEL Corporation ATtiny167 Datasheet HTML 238Page - ATMEL Corporation ATtiny167 Datasheet HTML 239Page - ATMEL Corporation ATtiny167 Datasheet HTML 240Page - ATMEL Corporation ATtiny167 Datasheet HTML 241Page - ATMEL Corporation ATtiny167 Datasheet HTML 242Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 282 page
background image
238
7728D–AVR–07/09
ATtiny87/ATtiny167
21.7.15
Reading the Temperature Sensor Parameter Bytes
The algorithm for reading the Temperature Sensor parameter bytes is as follows (refer to “Pro-
gramming the Flash” on page 232 for details on Command and Address loading):
1.
A: Load Command “0000 1000
b”.
2.
B: Load Address Low Byte, 0x0003 or 0x0005.
3.
Set OE to “0”, and BS1 to “1”. The Temperature Sensor parameter byte can now be
read at DATA.
4.
Set OE to “1”.
21.8
Serial Downloading
Both the Flash and EEPROM memory arrays can be programmed using the serial SPI bus
while RESET is pulled to GND. The serial interface consists of pins SCK, MOSI (input) and
MISO (output). After RESET is set low, the Programming Enable instruction needs to be exe-
cuted first before program/erase operations can be executed.
Note:
In Table 21-13, the pin mapping for SPI programming is listed. Not all parts use the SPI pins
dedicated for the internal SPI interface.
Figure 21-7. Serial Programming and Verify
(Note:)
Note:
If the device is clocked by the internal Oscillator, it is no need to connect a clock source to the
XTAL1 pin
When programming the EEPROM, an auto-erase cycle is built into the self-timed program-
ming operation (in the Serial mode ONLY) and there is no need to first execute the Chip Erase
instruction. The Chip Erase operation turns the content of every memory location in both the
Program and EEPROM arrays into 0xFF.
Table 21-13. Pin Mapping Serial Programming
Symbol
Pin Name
I/O
Function
MOSI
PA4
I
Serial Data In
MISO
PA2
O
Serial Data Out
SCK
PA5
I
Serial Clock
Vcc
+2.7 - +5.5V
GND
PA4
PA2
PA5
MOSI
MISO
SCK
RESET / PB7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com