Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 172 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 168Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 169Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 170Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 171Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 172Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 173Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 174Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 175Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 282 page
background image
172
7728D–AVR–07/09
ATtiny87/ATtiny167
When the busy signal is set, some registers are locked, user writing is not allowed:
• “LIN Control Register” - LINCR - except LCMD[2..0], LENA & LSWRES,
• “LIN Baud Rate Registers” - LINBRRL & LINBRRH,
• “LIN Data Length Register” - LINDLR,
• “LIN Identifier Register” - LINIDR,
• “LIN Data Register” - LINDAT.
If the busy signal is set, the only available commands are:
• LCMD[1..0] = 00
b, the abort command is taken into account at the end of the byte,
• LENA = 0 and/or LCMD[2] = 0, the kill command is taken into account immediately,
• LSWRES = 1, the reset command is taken into account immediately.
Note that, if another command is entered during busy signal, the new command is not vali-
dated and the LOVRERR bit flag of the LINERR register is set. The on-going transfer is not
interrupted.
15.5.5.2
Busy Signal in UART Mode
During the byte transmission, the busy signal is set. This locks some registers from being
written:
• “LIN Control Register” - LINCR - except LCMD[2..0], LENA & LSWRES,
• “LIN Data Register” - LINDAT.
The busy signal is not generated during a byte reception.
15.5.6
Bit Timing
15.5.6.1
Baud rate Generator
The baud rate is defined to be the transfer rate in bits per second (bps):
• BAUD: Baud rate (in bps),
•
fclki/o: System I/O clock frequency,
• LDIV[11..0]: Contents of LINBRRH & LINBRRL registers - (0-4095), the pre-scaler
receives clki/o as input clock.
• LBT[5..0]: Least significant bits of - LINBTR register- (0-63) is the number of samplings in a
LIN or UART bit (default value 32).
Equation for calculating baud rate:
BAUD = fclki/o / LBT[5..0] x (LDIV[11..0] + 1)
Equation for setting LINDIV value:
LDIV[11..0] = ( fclki/o / LBT[5..0] x BAUD ) - 1
Note that in reception a majority vote on three samplings is made.
15.5.6.2
Re-synchronization in LIN Mode
When waiting for Rx Header, LBT[5..0] = 32 in LINBTR register. The re-synchronization
begins when the BREAK is detected. If the BREAK size is not in the range (10.5 bits min., 28
bits max. — 13 bits nominal), the BREAK is refused. The re-synchronization is done by adjust-
ing LBT[5..0] value to the SYNCH field of the received header (0x55). Then the PROTECTED
IDENTIFIER is sampled using the new value of LBT[5..0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com