Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 175 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 175 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 171Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 172Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 173Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 174Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 175Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 176Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 177Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 178Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 179Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 282 page
background image
175
7728D–AVR–07/09
ATtiny87/ATtiny167
• If an error occurs, Tx stops, the corresponding error flag is set and LRXDL will give the
number of transmitted bytes without error,
• If no error occurs, LTXOK is set after the transmission of the CHECKSUM, LTXDL will be
unchanged (and LRXDL = LTXDL).
15.5.7.5
Data Length after Error
Figure 15-11. Tx Response - Error
Note:
Information on response (ex: error on byte) is only available at the end of the serializa-
tion/de-serialization of the byte.
15.5.7.6
Data Length in UART Mode
• The UART mode forces LRXDL and LTXDL to 0 and disables the writing in LINDLR
register,
• Note that after reset, LRXDL and LTXDL are also forced to 0.
15.5.8
xxOK Flags
There are three xxOK flags in LINSIR register:
• LIDOK: LIN IDentifier OK
It is set at the end of the header, either by the Tx Header function or by the Rx Header. In
LIN 1.3, before generating LIDOK, the controller updates the LRXDL & LTXDL fields in
LINDLR register.
It is not driven in UART mode.
• LRXOK: LIN RX response complete
It is set at the end of the response by the Rx Response function in LIN mode and once a
character is received in UART mode.
• LTXOK: LIN TX response complete
It is set at the end of the response by the Tx Response function in LIN mode and once a
character has been sent in UART mode.
These flags can generate interrupts if the corresponding enable interrupt bit is set in the LINE-
NIR register (see Section 15.5.13 “Interrupts” on page 178).
DATA-0
DATA-1
LCMD2..0=000b
LIN bus
LBUSY
1st Byte
2 nd Byte
3 rd Byte
LERR
1
40
LRXDL
2
LCMD=Tx Response
LTXDL
4
DATA-2
ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com