Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 179 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 175Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 176Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 177Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 178Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 179Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 180Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 181Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 182Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 282 page
background image
179
7728D–AVR–07/09
ATtiny87/ATtiny167
The LIN protocol says that a message with an identifier from 60 (0x3C) up to 63 (0x3F) uses a
classic checksum (sum over the data bytes only). Software will be responsible for switching
correctly the LIN13 bit to provide/check this expected checksum (the insertion of the ID field in
the computation of the CRC is set - or not - just after entering the Rx or Tx Response
command).
15.5.15
Data Management
15.5.15.1
LIN FIFO Data Buffer
To preserve register allocation, the LIN data buffer is seen as a FIFO (with address pointer
accessible). This FIFO is accessed via the LINDX[2..0] field of LINSEL register through the
LINDAT register.
LINDX[2..0], the data index, is the address pointer to the required data byte. The data byte can
be read or written. The data index is automatically incremented after each LINDAT access if
the LAINC (active low) bit is cleared. A roll-over is implemented, after data index=7 it is data
index=0. Otherwise, if LAINC bit is set, the data index needs to be written (updated) before
each LINDAT access.
The first byte of a LIN frame is stored at the data index=0, the second one at the data index=1,
and so on. Nevertheless, LINSEL must be initialized by the user before use.
15.5.15.2
UART Data Register
The LINDAT register is the data register (no buffering - no FIFO). In write access, LINDAT will
be for data out and in read access, LINDAT will be for data in.
In UART mode the LINSEL register is unused.
15.5.16
OCD Support
When a debugger break occurs, the state machine of the LIN/UART controller is stopped
(included frame time-out) and further communication may be corrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com