Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 177 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 173Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 174Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 175Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 176Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 177Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 178Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 179Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 180Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 282 page
background image
177
7728D–AVR–07/09
ATtiny87/ATtiny167
15.5.10
Frame Time Out
According to the LIN protocol, a frame time-out error is flagged if: T
Frame > T Frame_Maximum.
This feature is implemented in the LIN/UART controller.
Figure 15-12. LIN timing and frame time-out
15.5.11
Break-in-data
According to the LIN protocol, the LIN/UART controller can detect the BREAK/SYNC field
sequence even if the break is partially superimposed with a byte of the response. When a
BREAK/SYNC field sequence happens, the transfer in progress is aborted and the processing
of the new frame starts.
• On slave node(s), an error is generated (i.e. LBERR in case of Tx Response or LFERR in
case of Rx Response). Information on data error is also available, refer to the Section
15.5.7.5.
• On master node, the user (code) is responsible for this aborting of frame. To do this, the
master task has first to abort the on-going communication (clearing LCMD bits - LIN Abort
command) and then to apply the Tx Header command. In this case, the abort error flag -
LABORT - is set.
On the slave node, the BREAK detection is processed with the synchronization setting avail-
able when the LIN/UART controller pr ocessed th e (abo rt ed ) re spon se. But th e
re-synchronization restarts as usual. Due to a possible difference of timing reference between
the BREAK field and the rest of the frame, the time-out values can be slightly inaccurate.
15.5.12
Checksum
The last field of a frame is the checksum.
In LIN 2.1, the checksum contains the inverted eight bit sum with carry over all data bytes and
the protected identifier. This calculation is called enhanced checksum.
In LIN 1.3, the checksum contains the inverted eight bit sum with carry over all data bytes.
This calculation is called classic checksum.
BREAK
Field
SYNC
Field
CHECKSUM
Field
DATA-0
Field
Field
IDENTIFIER
PROTECTED
DATA-n
Field
T Response
T Header
T Frame
T Header_Maximum
T Header_Maximum + T Response_Maximum
1.4 x
T Header_Nominal
1.4 x
T Response_Nominal
T Response_Maximum
T Frame_Maximum
=
=
=
Maximun before Time-out
T Header_Nominal
T Header_Nominal + T Response_Nominal
34 x
T Bit
10 ( Number_of_Data + 1 ) x
T Bit
T Response_Nominal
T Frame_Nominal
=
=
=
Nominal
CHECKSUM
255
unsigned char
DATA n
0
n
∑
⎝⎠
⎜⎟
⎜⎟
⎛⎞
PROTECTED ID.
+
⎝⎠
⎜⎟
⎜⎟
⎛⎞
unsigned char
DATA n
0
n
∑
⎝⎠
⎜⎟
⎜⎟
⎛⎞
PROTECTED ID.
+
⎝⎠
⎜⎟
⎜⎟
⎛⎞
8
»
⎝⎠
⎜⎟
⎜⎟
⎛⎞
+
⎝
⎠
⎜
⎟
⎜
⎟
⎛
⎞
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com