Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 183 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 183 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 179Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 180Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 181Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 182Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 183Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 184Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 186Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 187Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 282 page
background image
183
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 0 - LRXOK: Receive Performed Interrupt
This bit generates an interrupt if its respective enable bit - LENRXOK - is set in
LINENIR.
– 0 = No Rx
– 1 = Rx Response complete.
The user clears this bit by writing 1, in order to reset this interrupt.
In UART mode, this bit is also cleared by reading LINDAT.
15.6.3
LIN Enable Interrupt Register - LINENIR
• Bits 7:4 - Reserved Bits
These bits are reserved for future use. For compatibility with future devices, they must be
written to zero when LINENIR is written.
• Bit 3 - LENERR: Enable Error Interrupt
– 0 = Error interrupt masked,
– 1 = Error interrupt enabled.
• Bit 2 - LENIDOK: Enable Identifier Interrupt
– 0 = Identifier interrupt masked,
– 1 = Identifier interrupt enabled.
• Bit 1 - LENTXOK: Enable Transmit Performed Interrupt
– 0 = Transmit performed interrupt masked,
– 1 = Transmit performed interrupt enabled.
• Bit 0 - LENRXOK: Enable Receive Performed Interrupt
– 0 = Receive performed interrupt masked,
– 1 = Receive performed interrupt enabled.
15.6.4
LIN Error Register - LINERR
• Bit 7 - LABORT: Abort Flag
– 0 = No warning,
– 1 = LIN abort command occurred.
This bit is cleared when LERR bit in LINSIR is cleared.
Bit
7
654
3
2
1
0
-
-
-
-
LENERR
LENIDOK
LENTXOK
LENRXOK
LINENIR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543210
LABORT
LTOERR
LOVERR
LFERR
LSERR
LPERR
LCERR
LBERR
LINERR
Read/Write
RRRRRRRR
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com