Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 184 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 184 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 180Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 181Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 182Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 183Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 184Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 186Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 187Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 188Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 282 page
background image
184
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 6 - LTOERR: Frame_Time_Out Error Flag
–0 = No error,
– 1 = Frame_Time_Out error.
This bit is cleared when LERR bit in LINSIR is cleared.
• Bit 5 - LOVERR: Overrun Error Flag
–0 = No error,
– 1 = Overrun error.
This bit is cleared when LERR bit in LINSIR is cleared.
• Bit 4 - LFERR: Framing Error Flag
–0 = No error,
– 1 = Framing error.
This bit is cleared when LERR bit in LINSIR is cleared.
• Bit 3 - LSERR: Synchronization Error Flag
–0 = No error,
– 1 = Synchronization error.
This bit is cleared when LERR bit in LINSIR is cleared.
• Bit 2 - LPERR: Parity Error Flag
–0 = No error,
– 1 = Parity error.
This bit is cleared when LERR bit in LINSIR is cleared.
• Bit 1 - LCERR: Checksum Error Flag
–0 = No error,
– 1 = Checksum error.
This bit is cleared when LERR bit in LINSIR is cleared.
• Bit 0 - LBERR: Bit Error Flag
–0 = no error,
– 1 = Bit error.
This bit is cleared when LERR bit in LINSIR is cleared.
15.6.5
LIN Bit Timing Register - LINBTR
• Bit 7 - LDISR: Disable Bit Timing Re synchronization
– 0 = Bit timing re-synchronization enabled (default),
– 1 = Bit timing re-synchronization disabled.
Bit
7654
3
2
1
0
LDISR
-
LBT5
LBT4
LBT3
LBT2
LBT1
LBT0
LINBTR
Read/Write
R/W
R
R/(W)
R/(W)
R/(W)
R/(W)
R/(W)
R/(W)
Initial Value
0010
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com