Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 186 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 182Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 183Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 184Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 186Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 187Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 282 page
background image
186
7728D–AVR–07/09
ATtiny87/ATtiny167
15.6.8
LIN Identifier Register - LINIDR
• Bits 7:6 - LP[1:0]: Parity
In LIN mode:
LP0 = LID4 ^ LID2 ^ LID1 ^ LID0
LP1 = ! ( LID1 ^ LID3 ^ LID4 ^ LID5 )
In UART mode this field is unused.
• Bits 5:4 - LDL[1:0]: LIN 1.3 Data Length
In LIN 1.3 mode:
– 00 = 2-byte response,
– 01 = 2-byte response,
– 10 = 4-byte response,
– 11 = 8-byte response.
In UART mode this field is unused.
• Bits 3:0 - LID[3:0]: LIN 1.3 Identifier
In LIN 1.3 mode: 4-bit identifier.
In UART mode this field is unused.
• Bits 5:0 - LID[5:0]: LIN 2.1 Identifier
In LIN 2.1 mode: 6-bit identifier (no length transported).
In UART mode this field is unused.
15.6.9
LIN Data Buffer Selection Register - LINSEL
• Bits 7:4 - Reserved Bits
These bits are reserved for future use. For compatibility with future devices, they must be
written to zero when LINSEL is written.
Bit
7
6
5
4
3210
LP1
LP0
LID5 /
LDL1
LID4 /
LDL0
LID3
LID2
LID1
LID0
LINIDR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0000
Bit
7
6
543210
--
--
LAINC
LINDX2
LINDX1
LINDX0
LINSEL
Read/Write
-
-
-
-
R/W
R/W
R/W
R/W
Initial Value
-
-
-
-
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com